Part Number Hot Search : 
1590G 24165SMG 00BC0WF 2SC4963 6121A SWE62250 PL002 CD451
Product Description
Full Text Search
 

To Download 1800-02D-L4L-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1800/1805 Series
TO-8, 0 psi to 3 psi, 0 psi to 150 psi Silicon Pressure Sensors
DESCRIPTION The 1800/1805 Series sensors are high performance TO-8 pressure transducers specifically designed to address a variety of both low and medium pressure original equipment manufacture applications. The transducers offer two performance grades and a variety of compensation options, including span and calibration to within 2 mV (normalized output). The 1800/1805 Series can operate with either constant current or voltage excitation. FEATURES * * * * Standard pressure ranges from 0 psi to 3 psi, 0 psi to 150 psi Gauge, absolute or differential models Voltage or constant current excitation Choice of temperature compensation options - Laser trim, normalized output - Laser trim, standard output - Resistor compensation * Uncompensated version available for microprocessorbased designs * * * * * POTENTIAL APPLICATIONS Instrumentation calibration Avionics/aerospace Medical equipment HVAC Pneumatic controls The 1800/1805 Series contains a solid state piezoresistive pressure sensor mounted in a standard TO-8 package. They are printed circuit board and pin-for-pin compatible with other TO-8 pressure sensors.
1800/1805 Series TO-8, 0 psi to 3 psi, 0 psi to 150 psi
ENVIRONMENTAL SPECIFICATIONS (All devices)
Characteristic Supply voltage, VS Compensated temperature range Operating temperature tange Vibration Shock Life Parameter 10 Vdc -1 C to 54 C [34 F to 129 F] -40 C to 121 C [-40 F to 257 F] 10 g rms at 20 Hz to 200 Hz 100 g for 11 ms 100 million cycles
(1)
Characteristic Insulation resistance Humidity Common-mode pressure Max. soldering temperature Excitation voltage VS Excitation current
Parameter 100 MOhm at 50 Vdc 50 % 10 % 150 psig 260 C [500 F] 10 s max. Supply voltage Vs =15 Vdc max. Supply current Is = 2 mA max.
PERFORMANCE CHARACTERISTICS
Characteristic Zero pressure offset(1) Zero pressure offset (3 psi to 5 only) (1) Full-scale span(2) Standard output-current excitation Standard output-voltage excitation Normalized output-current excitation Normalized output-current excitation (3 psi only) Normalized output-voltage excitation Pressure non-linearity(3) Pressure hysteresis(3) Repeatability Temperature effect on offset(4) Temperature effect on offset (3 psi and 5 psi only) (4) Temperature effect on span Temperature effect on span (3 psi and 5 psi only) (4) Thermal hysteresis Response time(5) Long term stability of offset and span(6) Common mode voltage(7) Standard output-current excitation Standard output-voltage excitation Normalized output-current excitation Normalized output-voltage excitation Input resistance Current excitation Voltage excitation Output resistance PRESSURE RANGE SPECIFICATIONS Catalog Listing 1805-00 (G,D) - (K,L) (0..4) (M,L,N) 1805-01 (G,D) - (K,L) (0..4) (M,L,N) 1800-02 (G,D) - (K,L) (0..4) (M,L,N) 1800-03 (G,D) - (K,L) (0..4) (M,L,N) 1800-07 (G,D) - (K,L) (0..4) (M,L,N) 1800-08 (G,D) - (K,L) (0..4) (M,L,N) 1800-09 (G,D) - (K,L) (0..4) (M,L,N) 1800-10 (G,D) - (K,L) (0..4) (M,L,N) Pressure Range 0 psi to 3 psi 0 psi to 5 psi 0 psi to 10 psi 0 psi to 15 psi 0 psi to 30 psi 0 psi to 50 psi 0 psi to 100 psi 0 psi to 150 psi
Min. - - 75 40 98 73 38 - - - - - - - - - - - - - - 2.0 8.0 3.5
Typ. - - - - - - - 0.15 - - - - - - 0.1 - - 50 % 50 % 35 % 25 % - - - - Top Side Overpressure(8) 15 psi 25 psi 50 psi 65 psi 250 psi 350 psi 350 psi 350 psi
Max. 0.5 1 150 120 102 77 42 0.20 0.0125 0.0125 0.5 1 0.5 1 - 1 0.2 - - - - - 8.0 40 6.0
Unit mV mV mV mV mV mV mV %FSS %FSS %FSS mV mV mV mV %FSS ms %FSS input input input input - k k k
Bottom Side Overpressure(9) 9 psi 15 psi 30 psi 45 psi 50 psi 50 psi 50 psi 50 psi
Notes: 1. Reference conditions (unless otherwise noted); TA = 25 C [77 F], Supply VS = 10 Vdc 0.01 Vdc or IS = 1.5 mA 0.0015 mA. 2. Full-scale span (FSS) is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure. FFS is ratiometric to the supply voltage. 3. Pressure non-linearity is based on best-fit straight line from the zero to the full-scale pressure. Pressure hysteresis is the maximum output difference at any point within the operating pressure range for increasing and decreasing pressure. 4. Maximum error band of the offset voltage or span over the compensated temperature range, relative to the 25 C [77 F] reading. 5. Response time for a 0 psi to full-scale span pressure step change, 10 % to 90 % rise time. 6. Long term stability over a six month period. 7. Common mode voltage as measured from output to ground. For higher levels of common mode voltage, contact the factory. 8. Pressure overrange: Top: 5 x full-scale pressure or 350 psi, whichever is less. 9. Pressure overrange: Bottom: 3 x full-scale or 50 psi, whichever is less.
2
www.honeywell.com/sensing
Silicon Pressure Sensors
STANDARD COMPENSATION AND TRIM CHOICES For maximum convenience, the 1800/1805 Series is temperature compensated from -1 C to 54 C [34 F to 129 F]. Other temperature ranges are available upon request. Normalized Output Option: For design convenience and sensor interchangeability, the 1800/1805 Series is available with normalized output (100 2 mV dc in current excited versions with pressure range >3 psi). Normalized output for current excited 3 psi devices is 75 2 mV dc. ELECTRICAL CONNECTIONS Laser Trim: Compensation is accomplished by using an inhouse laser trim facility that allows for tighter product performance control and improved flexibility in response to special customer performance requirements. Resistors: This option includes a printout of suggested temperature compensation and zero offset resistor values for each individual sensor.
CURRENT EXCITATION
VOLTAGE EXCITATION
Pin 1 on normalized and voltage excited standard output. EXTERNAL CONNECTIONS
Normalized output shown. Standard output on pin 5 R6 shorted.
R5 open for standard output.
POSITIVE PRESSURE ON TOP AND BOTTOM SIDES Current Excitation - Standard Output Voltage Excitation - Standard Output Discrete Resistor Laser Trim Board Discrete Resistor Laser Trim Board Pin Connection Pin Connection Pin Connection Pin Connection 4 + Output 4 + Output 4 + Output 4 + Output 5 + Input 5 + Input 5 + Input 5 NC 6 - Input 6 - Input 6 - Input 6 - Input 10 - Output 10 - Output 10 - Output 10 - Output 11 NC 11 NC 11 NC 11 NC 12 NC 12 NC 12 NC 12 NC 1 + Input
Current or Voltage Excitation - Normalized Output Laser Trim Board Pin Connection 4 + Output 5 NC 6 - Input 10 + Output 11 NC 12 NC 1 + Input
PRESSURE CONNECTION OPTIONS OPTION 0 OPTION 1
OPTION 2
OPTION 4
Honeywell Sensing and Control
3
ORDER GUIDE
1800/1805 Series
1800/1805
02
A
L
1
L
Compensation
L: Laser trimmed, standard output N: Laser trimmed, normalized output M: Computer printout of resistor values
Pressure Range For Model 1800 For Model 1805
02: 0 psi to 10 psi 00: 0 psi to 3 psi 03: 0 psi to 15 psi 01: 0 psi to 5 psi 07: 0 psi to 30 psi 08: 0 psi to 50 psi 09: 0 psi to 100 psi (G and A only) 10: 0 psi to 150 psi (G only)
Pressure Connections Top Bottom
0: 3/16 in tube 1: 3/16 hole 2: 3/16 in hole 4: 3/16 in tube none 1/8 in tube none 1/8 in tube
Excitation
L: Current K: Voltage
Sensor Type
G: Gage A: Absolute D: Differential
Note: Transducer recommended for use with non-corrosive, non-condensing gases.
WARNING
PERSONAL INJURY
DO NOT USE these products as safety or emergency stop devices or in any other application where failure of the product could result in personal injury. Failure to comply with these instructions could result in death or serious injury. WARRANTY/REMEDY Honeywell warrants goods of its manufacture as being free of defective materials and faulty workmanship. Honeywell's standard product warranty applies unless agreed to otherwise by Honeywell in writing; please refer to your order acknowledgement or consult your local sales office for specific warranty details. If warranted goods are returned to Honeywell during the period of coverage, Honeywell will repair or replace, at its option, without charge those items it finds defective. The foregoing is buyer's sole remedy and is in lieu of all other warranties, expressed or implied, including those of merchantability and fitness for a particular purpose. In no event shall Honeywell be liable for consequential, special, or indirect damages. While we provide application assistance personally, through our literature and the Honeywell web site, it is up to the customer to determine the suitability of the product in the application. Specifications may change without notice. The information we supply is believed to be accurate and reliable as of this printing. However, we assume no responsibility for its use. *
WARNING
MISUSE OF DOCUMENTATION
The information presented in this product sheet is for reference only. Do not use this document as a product installation guide. * Complete installation, operation, and maintenance information is provided in the instructions supplied with each product. Failure to comply with these instructions could result in death or serious injury. SALES AND SERVICE Honeywell serves its customers through a worldwide network of sales offices, representatives and distributors. For application assistance, current specifications, pricing or name of the nearest Authorized Distributor, contact your local sales office or: E-mail: info.sc@honeywell.com Internet: www.honeywell.com/sensing Phone and Fax: Asia Pacific +65 6355-2828 +65 6445-3033 Fax Europe +44 (0) 1698 481481 +44 (0) 1698 481676 Fax Latin America +1-305-805-8188 +1-305-883-8257 Fax USA/Canada +1-800-537-6945 +1-815-235-6847
+1-815-235-6545 Fax
Automation and Control Solutions Sensing and Control Honeywell 11 West Spring Street Freeport, Illinois 61032 www.honeywell.com/sensing
008137-2-EN IL50 GLO Printed in USA October 2005 (c) 2005 Honeywell International Inc.


▲Up To Search▲   

 
Price & Availability of 1800-02D-L4L-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X